PART |
Description |
Maker |
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
MX26F128J3TC-15 MX26F128J3TC-12 MX26F128J3XCC-12 M |
Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
|
List of Unclassifed Manufacturers
|
ST33G1M2 |
Secure MCU with 32-bit ARM? SecurCore SC300 CPU and high-density Flash memory
|
STMicroelectronics
|
E28F004BL-T150 E28F004BL-B150 E28F400BL-T150 PA28F |
4-MBlT (256K x 16/ 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Series 320 tactile switch with multiple color and cap options FireWire Current Limiter and Low-Drop ORing Switch Controller 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16. 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO40 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO56
|
Intel Corporation Intel Corp. Rochester Electronics, LLC Intel, Corp. Sharp, Corp.
|
E28F004S3-120 E28F004S3-150 PA28F008S3-150 TB28F00 |
BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4 / 8 / AND 16 MBIT BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 1M X 8 FLASH 2.7V PROM, 150 ns, PDSO44 BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 2.7V PROM, 120 ns, PDSO40 BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 2.7V PROM, 150 ns, PDSO44
|
Intel Corporation Intel Corp. Intel, Corp.
|
ST1305 ST1305DW4/CTAD |
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control and Inlock System
|
ST Microelectronics
|
AB28F200BR-T80 A28F200BR-TB A28F200BR-B AB28F200BR |
2-MBIT (128K X 16. 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY JT 42C 42#22 PIN RECP 2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K X 16/ 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2-Mbit (128K x 16, 256K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corp.
|
MX25L1605 |
Macronix NBitTM Memory Family
|
Macronix International
|
AT945 AT94S40AL-25DGI AT94S05 AT94S05AL AT94S05AL- |
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K05AL FPSLIC device and a secure configuration EEPROM in a single 256-pin CABGA package. Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller/ up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K10AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144LQ) package. The Secure FPSLIC combines our AT94K40AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144 LQ) package.
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
E28F160S5-100 E28F320S5-90 28F160S5 DA28F160S5-100 |
WORD-WIDE FLASHFILE MEMORY FAMILY
|
INTEL[Intel Corporation]
|